www.baumerelectric.com 3. 30 absolute multi-turn hollow shaft encoder bpmd exible pro bus-dp, canopen, devicenet general data features ambient conditions ? multi-turn encoder up to - 13 bit single-turn - 16 bit multi-turn ? modular bus cover ? programmable operating modes ? programmable bus parameters ? programmable resolution and preset values ? hollow shaft ? 25,4...50,8 mm voltage supply 10 - 30 vdc with reverse polarity protection max. supply current 100 ma (at 24 vdc) no load signal coding binary code max. resolution single-turn 13 bit (1 step = 2' 38") multi-turn 16 bit (65'536 rev.) max. switching frequency 800 khz max. error limit 0,025 at 400 khz 0,05 at 800 khz preset in state data-exchange encoder can be set to a prede? ned position address adjustable via jog-dial baud rate selectable via dip switches direction of rotation looking at the ? ange, position counts up as the shaft rotates clockwise (cw), programmable temperature range -20...+85 c relative humidity max. 95% non condensing vibration din en 60068-2-6 ( 100 m/s 2 / 16 - 2'000 hz) shock din en 60068-2-27 ( 2'000 m/s 2 / 6 ms) noise immunity din en 61000-6-2 emitted interference din en 61000-6-4 mechanical data bpmd 25 max. revolutions mech. 3'800 rpm electr. 6'000 rpm moment of interia 200 x 10 -6 kgm 2 max. protection class ip 54 material housing: aluminum weight approx. 830 g bpmd 50 max. revolutions mech. 2'000 rpm higher on request electr. 6'000 rpm moment of interia 1'100 x 10 -6 kgm 2 max. protection class ip 54 material housing: aluminum weight approx. 1'200 g
www.baumerelectric.com 3 3. 31 pro bus-dp, canopen, devicenet dimensions bpmd 25 with pro? bus-dp bpmd exible 90 90 4fg6 15 3,5 12 56 43 13 max.?25,4h7 19 1 7, 5 42,5 12,6 ?50 ?60 20 12 0 33 16 ?4h11 mounting thread m4 / 8 deep for spring plate pocket for rubber spring element mounting thread m3 / 6 deep for spring plate status duo led approx. 24
www.baumerelectric.com 3. 32 75 status duo led 15 3,5 12 44 43 14,5 19 57,5 7, 5 13,5 ?76 20 120 16 tasche fr gummi- federelement ?4h11 max.?50,8h7 ?92,2 ?116 ?4fg6 103 ca.24 1 6 x m3 / 6 tief ?1 34 absolute multi-turn hollow shaft encoder bpmd exible pro bus-dp, canopen, devicenet bpmd 50 with pro? bus-dp dimensions pocket for rubber spring element 6 x m3 / 6 deep approx. 24
www.baumerelectric.com 3 3. 33 bpmd g1p24c13/16 g pro bus-dp, canopen, devicenet ?10 (3x) ?4,3 (3x) 120 ?60 0, 2 4,5 (2x) 0,5 dick 11 14 ?96 0,2 7 7 14 12 0 20 ?3,5 7 ?6 ?3,2 0,3 30 ?6,6 7, 5 17 35 r2 5 bpmd g1p24 13/16 d order designation interface housing diameter accessories cd-rom with gsd-/eds-/xml- part nr. 147362 ? les and manuals bus cover see chapter accessories for pro? bus-dp part nr. 145145 for canopen part nr. 145144 for devicenet part nr. 145143 spring plate bpmd 25 part nr. 143969 bpmd 50 part nr. 147837 25 ? 90 mm (for shaft type kf) 50 ? 116 mm (for shaft type kq) kf through hollow shaft 25,4 mm ip 54 with clamping ring kq through hollow shaft 50,8 mm ip 54 with clamping ring shaft p pro? bus-dp b canopen d devicenet - rubber spring element and adjustment piece - 2 washers - 2 cap screws m5 x 12 din912 included in delivery complete encoder base encoder without bus cover spring plate bpmd 25 part nr. 143969 part nr. 147837 spring plate bpmd 50 thick bpmd exible
|